PART |
Description |
Maker |
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC1821 LTC2630 LTC2621 LTC2624 LTC1660 LTC2600 LT |
Single 12-/10-/8-Bit Rail-to- Rail DACs Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
|
Linear Technology
|
LTC2602 LTC2612CMS8 LTC2622CMS8 LTC2602CMS8 LTC260 |
18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology Corporation
|
LTC1450IG LTC1450CG LTC1450LCG LTC1450LIG 14500LF |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP From old datasheet system Parallel Input/ 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
LINER[Linear Technology]
|
LTC2611 LTC2621 LTC2601 LTC2611IDD LTC2621IDD LTC2 |
18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
|
Linear Technology Corporation
|
MAX520/MAX521 |
Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
5962F9582301VYC 5962F9582301VXC 5962F9582301QYC 59 |
x8 SRAM 2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs x8的SRAM
|
Advanced Analogic Technologies, Inc.
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|
MAX5216GUAT |
14-/16-Bit, Low-Power, Buffered Output, Rail-to-Rail DACs with SPI Interface
|
MAXIM - Dallas Semiconductor
|
LTC1453 LT1451 |
12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear
|